PART |
Description |
Maker |
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
TN2-L2-H-9 TN2-L2-H-9V TN2-12 TN2-L2-H-12V TN2-L2- |
SLIM POLARIZED RELAY Silver Mica Capacitor; Capacitance:300pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes SLIM的极化继电器
|
http:// NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)]
|
SV03 SV01KA101JAA SV01KA101KAA SV01KA101MAA SV01HA |
Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Voltage MLC Radials (SV Style) 子午线轮胎高压刚果解放运动(希风格) XTAL,OSC 50.0MHZ 3V 6P SMT POT 2.0K OHM 1/4 SQ CERM SL ST Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 5%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 2%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 2%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No LUGS High Voltage MLC Radials (SV Style)
|
AVX, Corp. AVX[AVX Corporation]
|
SMBJ2K4.0 SMBJ2K4.5 SMBJ2K3.0 SMBJ2K30 SMBJ2K5.0 S |
TRANSIENT VOLTAGE SUPPRESSOR Silver Mica Capacitor; Capacitance:3000pF; Capacitance Tolerance: /- 1%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No
|
MICROSEMI[Microsemi Corporation]
|
V802ME06 |
Silver Mica Capacitor; Capacitance:4700pF; Capacitance Tolerance: /- 5%; Series:CMR; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.9mm; Leaded Process Compatible:No RoHS Compliant: No 压控振荡 VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc. ZCOMM[Z-Communications, Inc]
|
BCR12KM-14 |
Silver Mica Capacitor; Capacitance:3pF; Capacitance Tolerance: /- 0.5pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:Yes RoHS Compliant: Yes MEDIUM POWER USE INSULATED TYPE/ PLANAR PASSIVATION TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
XE0020C XE0020 |
Silver Mica Capacitor; Capacitance:300pF; Capacitance Tolerance: /- 1%; Series:CD15; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No 电话线接口,具有活性在线监 From old datasheet system Telephone Line Interface with Active Line Monitoring
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AD842KH AD842KN AD842KQ AD842SH AD842JN AD842JH AD |
Wideband, High Output Current, Fast Settling Op Amp Wideband/ High Output Current/ Fast Settling Op Amp XTAL MTL T/H HC49/U Silver Mica Capacitor; Capacitance:270pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
MCM01 MCM01-001CC090A-T MCM01-001CC090A-TF MCM01-0 |
SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors Mica Film Capacitor; Capacitance:3.3pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:300V CAPACITOR, MICA, 500 V, 0.0000033 uF, SURFACE MOUNT
|
Cornell Dubilier Electr... Cornell Dubilier Electronics, Inc.
|
MF25.6PF/-1PF250V MF28.2PF/-1PF250V MF44.7PF/-1PF5 |
CAPACITOR, MICA, 250 V, 0.0000056 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 250 V, 0.0000082 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0000047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0000068 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 1000 V, 0.0000068 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 63 V, 0.0000068 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Ironwood Electronics Lattice Semiconductor, Corp. Japan Aviation Electronics Industry, Ltd.
|
DF14-3030SCF DF14-3030SCFA DF14-3031SCF DF14-3031S |
8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Silver Mica Capacitor; Capacitance:43pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No Single/Dual/Quad, 10MHz Single-Supply Op Amps 1.25mm Pitch Super Low profile Crimping Connector 1.25mm间距超低配置压着连接 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|